Part Number Hot Search : 
CY7C137 72510 SH7085 VO2223A SKDT115 SA100 MPC5510 MM1089
Product Description
Full Text Search
 

To Download LTI202D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 V - 1,000 V Doubler
10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202D - LTI210D LTI202FD - LTI210FD LTI202UFD - LTI210UFD
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts LTI202D LTI206D LTI210D LTI202FD LTI206FD LTI210FD LTI202UFD LTI206UFD LTI210UFD Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
(Vf)
uJ-C
200 600 1000 200 600 1000 200 600 1000
12.5 12.5 12.5 10.0 10.0 10.0 10.0 10.0 10.0
9.0 9.0 9.0 7.5 7.5 7.5 7.5 7.5 7.5
2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
50 50 50 50 50 50 50 50 50
1.3 1.3 1.3 1.7 1.7 1.7 1.7 1.7 1.7
6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0 6.0
80 80 80 80 80 80 80 80 80
20 20 20 20 20 20 20 20 20
3000 3000 3000 150 150 150 70 70 70
1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5
9
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55C to +150C Isolation Voltage: 2000V
.210(5.33) (2 PL)
.700 (17.78) 6-32 X .18(4.57) THD DP Nickel Pltd. Copper Base Plate
_
AC
.420 (10.67) .140 (3.56) .140 (3.56) _ AC +
.380 (9.65)
+
.600(15.24) MAX.
.700 (17.78)
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
201
LTI202D - LTI210D * LTI202FD - LTI210FD * LTI202UFD - LTI210UFD
14 12
200D
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Maximum Current (I)
10 8
200FD-UFD
Reverse Current (uA) 150
100
6 4 2 0 25 50 75 100 125 Ambient Temperature (C) Temperature (C)
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
202


▲Up To Search▲   

 
Price & Availability of LTI202D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X